Part Number Hot Search : 
HC405 SD103AW C5193 SFF1005G TDB7711 SFRU9024 BP32E3 Z0109
Product Description
Full Text Search
 

To Download S20DC100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2006 teledyne relays (800) 284-7007 ? www.teledynerelays.com S20DC100 page 1 S20DC100\062006\q1 new series S20DC100 output to 100a, 200 vdc dc solid-state relay part number description S20DC100 100a, 200 vdc solid-state relay part number explanation electrical specifications (+25c ambient temperature unless otherwise specifed) input (control) specifications min max units control range 4.5 32 vdc input current range 25 42 madc typical turn-on voltage 4.3 vdc must turn-off voltage 1 vdc reverse voltage 32 vdc reverse leakage current 100 a features/benefits ? latest generation mosfet technology ? ultra low on-state resistance ? innovative isolated driver ensures fast power transistor turn on and off and thus low power transient ? ultra low output leakage current ? low control current consumption ? triggered control input to avoid linear control risks ? low conducted and radiated disturbances 20 line voltage 1 100 output current C amps dc switch type 2 s series notes 1) line voltage (peak): 20 = 200 vdc 2) switch type: dc = dc mechanical specification figure 1 tolerances: ?0.3 dimensions in inches (mm) weight: 3.52 oz. (100g) 1+ 2C 4C 3+ 1.10 (28) ?4.7 1.7 (43.2) 1.87 (47.6) 0.29 (7.5) 0.20 (5.1) 1.0 (25.4) 1.75 (44.5) m5 m3 2.29 (58.2) 1.10 (28) ?0.5 0.77 (19.6) 0.89 (22.8) 1.01 (25.8) figure 3 block diagram + 3 control iscst led phv driver (off) mosfet output C 4 1 + 2 + single pulse turn on & off circuit figure 2 control characteristic 45 40 35 30 25 20 15 10 5 0 0 @25c control current (madc) control voltage (v) 2 4 6 8 10 12 14 16 18 20 22 24 26 28 30 32
S20DC100 page 2 s pecifications are subject to change without notice ? 2006 teledyne relays S20DC100\062006\q1 new series S20DC100 output to 100a, 200 vdc dc solid-state relay electrical specifications (+25c ambient temperature unless otherwise specifed) output (load) specifications min max units operating range 0 130 vdc peak voltage 200 vpeak reverse voltage (internal diode) 1.6 v maximum repetitive avalanche current 100 a maximum single pulse a valanche energy 750 mj maximum repetitive pulse a valanche energy 58 mj maximum nominal currents (resistive) 100 a non-repetitive peak overload current 400 a leakage current 250 adc on-state resistance 22 m output capacitance (t ypical) 1.5 nf j unction-case thermal resistance 0.4 c/w built-in h eat sink thermal resistance (v ertically mounted) 8 c/w h eat sink thermal time constant 10 min control inputs/power outputs insulation voltage 4 kv turn-on time 10 s turn-on delay 600 s turn-off time 10 s turn-off delay 100 s on-off frequency 700 hz figure 4 high side wiring diagram (load connected to ) figure 5 + C dc control power supply vc ic on-off control dc mains (red paths as short as possible.) ie ve c1 d1 d2 or or or load + C vt 4C 3+ 1+ 2C low side wiring diagram (load connected to +) + C dc control power supply vc ic on-off control dc mains ie ve c1 d1 d2 or or or load + C vt 4C 3+ 1+ 2C (red paths as short as possible.) turn-on vc (control) vt (switch) tdon ton t t turn-off vc (control) vt (switch) tdoff toff t t figure 6 time diagrams figure 7 on resistance vs. temperature 25 20 15 10 5 0 C50 rdson (mohms) junction temperature (c) 0 50 100 150
? 2006 teledyne relays (800) 284-7007 ? www.teledynerela ys.com S20DC100 page 3 S20DC100\062006\q1 new series S20DC100 output to 100a, 200 vdc dc solid-state relay please refer to the installation notice for precautions about mounting the device on a heat sink. ambient temperature (c) power dissipation (w) load current (arms) 110 100 90 80 70 60 50 40 30 20 10 0 266 220 178 141 108 79.2 55 35.2 19.8 8.8 2.2 0 0 30 10 20 40 70 50 60 80 110 90 100 1.1c/w 0.9c/w 0.75c/w 0.55c/w 0.3c/w 0.1c/w 0.3c/w 8c/w 4c/w 2.4c/w 2.2c/w 2.1c/w 1.95c/w 1.5c/w 1.3c/w 1.2c/w power dissipation and load current limit vs. temperature figure 8 general specifications (+25c ambient temperature unless otherwise specifed) environmental specifications min max units operating temperature C40 +90 c storage temperature C40 +100 c input-output isolation 4000 vrms insulation resistance 1 g insulation capacitance <8 pf j unction t emperature 175 c connections po wer control scre wdriver phillips nr2 phillips nr1 tightening t orque 1.8 n.m 0.8 n.m insulated crimp terminals (round t abs, eyelet type) m5 m3 miscellaneous displa y g reen led (on) h ousing ul94v0 mounting 2 screws (m4x12mm) noise le vel no audible noise notes 1. for additional/custom options , contact factory. figure 9 protective cover available add -14 to part number general standards iec60947-1 protection lev el ip00 protection against direct t ouch none ce marking yes e.m.c. emission radiated & conducted disturbances nfen55011
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: teledyne relays: ? S20DC100


▲Up To Search▲   

 
Price & Availability of S20DC100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X